Part Number Hot Search : 
K2125 L7106 74HC02 1N524 D650C A46FT1G 42225 CDBB320
Product Description
Full Text Search
 

To Download MTP3055E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , o n&. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 MTP3055E n-channel 60v-0.1q-12a to-220 stripfet? mosfet type MTP3055E vdss 60 v rds(on) < 0.15 a id 12 a typical rds(on) = 0.1 q avalanche rugged technology 100% avalanche tested 175c operating temperature application oriented characterization applications high current, high speed switching solenoid and relay drivers regulators dc-dc & dc-ac converters motor control, audio amplifiers automotive environment (injection, abs, air-bag, lampdrivers, etc.) to-220 internal schematic diagram absolute maximum ratings symbol vds vdgr vgs id idm idm(-) plot tstg tj parameter drain-source voltage (vgs = 0) drain- gate voltage (res = 20 kii) gate-source voltage drain current (continuous) at tc = 25 c drain current (pulsed) at tc = 100 c drain current (pulsed) total dissipation at tc = 25 c storage temperature max. operating junction temperature value 60 60 20 12 9 48 40 -65 to 175 175 unit v v v a a a w c c {?) pulse width limited by safe operating area first digit of the datecode being z or k identifies silicon characterized in this datasheet. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by n.i semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors entourages customers to verity that datasheets are current before placing orders.
MTP3055E thermal data rthj-case rlhj-amb r|hc-s i, thermal thermal thermal maximum resistance resistance resistance junction-case junction-ambient case-sink lead temperature for soldering max max typ purpose 3.75 62.5 0.5 300 c/w oc/w c/w c avalanche characteristics symbol iar eas parameter avalanche current, repetitive or not-repetitive (pulse width limited by tj max) single pulse avalanche energy (starting tj = 25 c, id = iar, vdd = 25 v) max value 12 50 unit a mj electrical characteristics (tcase = 25 c unless otherwise specified) off symbol v(br)dss loss 'gss parameter drain-source breakdown voltage zero gate voltage drain current (vgs = 0) gate-body leakage current (vds = 0) test conditions !d=250|ua vgs=0 vds = max rating vds = max rating x 0.8 tc = 125 c vqs = + 20 v min. 60 typ. max. 1 10 100 unit v ma ua na on (*) symbol vcs(th) ros(on) ld(on) parameter gate threshold voltage static drain-source on resistance on state drain current test conditions vds = vgs id = 250 u.a vgs = 10v id= 7 a vds > ld(on) x rds(on)ma!< vgs = 10 v min. 2 12 typ. 2.9 0.1 max. 4 0.15 unit v il a dynamic symbol 9fs (*) ciss coss crss parameter forward transconductance input capacitance output capacitance reverse transfer capacitance test conditions vds > ld(on) x rds(on)max id = 6 a vds = 25 v f = 1 mhz vgs = 0 min. 4 typ. 6 760 100 30 max. unit s pf pf pf
MTP3055E electrical characteristics (continued) switching resistive load symbol td(on) tr td(off) tf q9 qgs qgd parameter turn-on time rise time turn-off delay time fall time total gate charge gate-source charge gate-drain charge test conditions vod = 30 v id= 7 a rg= 50 j vgs= 10 v (see test circuit) id= 12 a vgs = 10 v vdd = 40 v (see test circuit) min. typ. 20 65 70 35 15 7 5 max. unit ns ns ns ns nc nc nc source drain diode symbol isd isdm(') vsd (?) trr qrr parameter source-drain current source-drain current (pulsed) forward on voltage reverse recovery time reverse recovery charge test conditions isd = 12 a vgs =0 isd = 12 a di/dt = 100 a/us vdd = 30 v tj = 150 c min. typ. 65 0.17 max. 12 48 2.0 lunit a a v ns uc ) pulsed: pulse duration = 300 us, duty cycle 1.5 % (?) pulse width limited by safe operating area


▲Up To Search▲   

 
Price & Availability of MTP3055E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X